PART |
Description |
Maker |
52104490 52104493 52104495 52104500 52104491 52104 |
ADAPTOR MA-PG/M PG7 X M12 ADAPTOR MA-PG/M PG11 X M20 ADAPTOR MA-PG/M PG16 X M20 ADAPTOR MA-PG/M PG29 X M25 ADAPTOR MA-PG/M PG9 X M16 ADAPTOR MA-PG/M PG13.5 X M20 ADAPTOR MA-PG/M PG16 X M25 ADAPTOR MA-PG/M PG21 X M25 适配器的MA -皮克/米PG21 X M25
|
Kontron AG
|
OWA-120U-54 OWA-120U-42 OWA-120U-20 OWA-120U-36 OW |
120W Single Output Moistureproof Adaptor
|
Mean Well Enterprises C...
|
HEA-48-120130-2 HEA-48-075200-A HEA-48-180066-4 HE |
AC TO DC EXTERNAL UN-REGULATED WALLMOUNT & DESKTOP ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 12.0-15.6 WATTS LINEAR POWER ADAPTORS
|
HITRON ELECTRONICS CORPORTION
|
TPES09-150060-3 TPES09 TPES09-050160-1 TPES09-0501 |
AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
|
TOTAL-POWER[Total Power International]
|
CA-PLCC020-Z-P-T-01 |
Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to male PLCC plug.
|
Ironwood Electronics.
|
CA-PLCC084-Z-J-T-01 |
Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
|
Ironwood Electronics.
|
CA-PLCC20-Z-J-T-01 |
PLCC Carrier Adaptor 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
|
Ironwood Electronics.
|
CA-QFE44SE-L-Z-T-01 |
Carrier Adaptor 44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.
|
Ironwood Electronics.
|
LPS-100-13.5 LPS-100-7.5 LPS-100-3.3 LPS-100-12 LP |
50W Single Output Switching Power Supply 100W Single Output without PFC Function
|
XP Power Limited
|
OP747AR OP747ARU OP727 OP727AR OP727ARU OP777ARM O |
Precision Single Rail-to-Rail Output Single Supply Amplifier Precision Dual Rail-to-Rail Output Single Supply Amplifer Preliminary Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 300 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO14 Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial Precision Micropower Single-Supply Operational Amplifiers
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
P6LU-2415EH52 P6LU-0505EH52 P6LU-0512EH52 P6LU-120 |
Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output 5.2KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 5.2KV隔震1W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
MAX6731AUT MAX6731AUTD MAX6732AUT MAX6732AUTD MAX6 |
Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage レP Supervisory Circuits with Independent Watchdog Output
|
Maxim Integrated Products, Inc.
|